PART |
Description |
Maker |
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
LH28F160BVHE-BTL90 |
16M-BIT(2Mbit x8/1Mbit x16)Boot Block Flash MEMORY(16M2M位x8/1Mx16)Boot Block 闪速存储器)
|
Sharp Corporation
|
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
M50FW002 8499 M50FW002K5T M50FW002K M50FW002K1 M50 |
2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY 2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY From old datasheet system 2 MBIT 256KB X8, BOOT BLOCK 3V SUPPLY FIRMWARE HUB FLASH MEMORY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F002BT90P6 M29F002BT120K1 M29F002BT120K1T M29F0 |
From old datasheet system 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 MBIT (256KB X8, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29W200 M29W200BB M29W200BT M29W200BB70N6T M29W200 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Low Voltage Single Supply Flash Memory KPSE 19C 19#20 PIN RECP 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Low Voltage Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,引导块低压单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M50LPW012 9003 M50LPW012K1T M50LPW012K |
2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY LOW PIN COUNT FLASH MEMORY 2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY LOW PIN COUNT FLASH MEMORY From old datasheet system 2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F800D M29F800DB M29F800DB55N1F M29F800DT90M6E - |
8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 5V Supply Flash Memory 8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆
|
ST Microelectronics STMicroelectronics N.V.
|
TE28F160C3BD70 |
(TE28FxxxC3) Boot Block Flash Memory
|
Intel
|
CAT28F001 |
Boot Block Flash Memory, 1Mb
|
Catalyst Semiconductor
|